Part Number Hot Search : 
MP7528JN AX690 647180X PM0007 0257002 2SA1025 4069UB 91600
Product Description
Full Text Search
 

To Download AM2520PBC03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUBMINIATURE SOLID STATE LAMP
AM2520PBC03 BLUE
Features
!SUBMINIATURE PACKAGE. !WIDE VIEWING ANGLE. !GULL WING. !LONG LIFE - SOLID STATE RELIABILITY. !LOW PACKAGE PROFILE. !PACKAGE : 1000PCS / REEL.
Description
The Blue source color devices are made with InGaN on SiC Light Emitting Diode.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: CDA0459 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/27/2001 DRAWN:M.F.CAI
PAGE: 1 OF 4
Selection Guide
Iv (mc d ) @ 20 mA Mi n . AM2520PBC03 BLUE ( InGaN) WATER CLEAR 100 Ty p . 250 Viewin g An g le 21/2 20
Par t No .
Dic e
L en s Ty p e
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25C
Sy m b o l peak D 1/2 C P ar am et er Peak Wavelength Blue D ev i c e Ty p . 468 Max . Un its nm Tes t Co n d it io n s IF=20mA
Dominate Wavelength
Blue
465
nm
IF=20mA
Spectral Line Halfwidth
Blue
25
nm
IF=20mA
Capacitance
Blue
65
pF
VF=0V;f=1MHz
VF IR
Forward Voltage Reverse Current
Blue Blue
3.65
4.2 10
V uA
IF=20mA V R = 5V
Absolute Maximum Ratings at TA=25C
P ar am et er Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
B lu e 102 30 160 5 -20C To +80C -30C To +85C
Un its mW mA mA V
SPEC NO: CDA0459 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/27/2001 DRAWN:M.F.CAI
PAGE: 2 OF 4
Blue AM2520PBC03
SPEC NO: CDA0459 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/27/2001 DRAWN:M.F.CAI
PAGE: 3 OF 4
AM2520PBC03 SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: CDA0459 APPROVED:J.LU
REV NO: V.1 CHECKED:
DATE: OCT/27/2001 DRAWN:M.F.CAI
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of AM2520PBC03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X